Part Number Hot Search : 
M37221M4 LXT914 FL127 LT1413A C2626 8272EE XF131 4DFT2
Product Description
Full Text Search
 

To Download BC327 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2011 september, 2011 ? rev. 6 1 publication order number: BC327/d BC327, BC327-16, BC327-25, BC327-40 amplifier transistors pnp silicon features ? these are pb ? free devices* maximum ratings rating symbol value unit collector ? emitter voltage v ceo ? 45 vdc collector ? emitter voltage v ces ? 50 vdc emitter ? base voltage v ebo ? 5.0 vdc collector current ? continuous i c ? 800 madc total power dissipation @ t a = 25 c derate above t a = 25 c p d 625 5.0 mw mw/ c total power dissipation @ t a = 25 c derate above t a = 25 c p d 1.5 12 w mw/ c operating and storage junction temperature range t j , t stg ? 55 to +150 c thermal characteristics characteristic symbol max unit thermal resistance, junction ? to ? ambient r  ja 200 c/w thermal resistance, junction ? to ? case r  jc 83.3 c/w stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above the recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may affect device reliability. *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. bcxxx = device code a = assembly location y = year ww = work week  = pb ? free package marking diagram (note: microdot may be in either location) http://onsemi.com bc xxx ayww   collector 1 2 base 3 emitter see detailed ordering, marking, and shipping information in the package dimensions section on page 4 of this data sheet. ordering information 1 2 3 1 2 bent lead tape & reel ammo pack straight lead bulk pack 3 to ? 92 case 29 style 17
BC327, BC327 ? 16, BC327 ? 25, BC327 ? 40 http://onsemi.com 2 electrical characteristics (t a = 25 c unless otherwise noted) characteristic symbol min typ max unit off characteristics collector ? emitter breakdown voltage (i c = ? 10 ma, i b = 0) v (br)ceo ? 45 ? ? vdc collector ? emitter breakdown voltage (i c = ? 100  a, i e = 0) v (br)ces ? 50 ? ? vdc emitter ? base breakdown voltage (i e = ? 10  a, i c = 0) v (br)ebo ? 5.0 ? ? vdc collector cutoff current (v cb = ? 30 v, i e = 0) i cbo ? ? ? 100 nadc collector cutoff current (v ce = ? 45 v, v be = 0) i ces ? ? ? 100 nadc emitter cutoff current (v eb = ? 4.0 v, i c = 0) i ebo ? ? ? 100 nadc on characteristics dc current gain (i c = ? 100 ma, v ce = ? 1.0 v) BC327 BC327 ? 16 BC327 ? 25 BC327 ? 40 (i c = ? 300 ma, v ce = ? 1.0 v) h fe 100 100 160 250 40 ? ? ? ? ? 630 250 400 630 ? ? base ? emitter on voltage (i c = ? 300 ma, v ce = ? 1.0 v) v be(on) ? ? ? 1.2 vdc collector ? emitter saturation voltage (i c = ? 500 ma, i b = ? 50 ma) v ce(sat) ? ? ? 0.7 vdc small ? signal characteristics output capacitance (v cb = ? 10 v, i e = 0, f = 1.0 mhz) c ob ? 11 ? pf current ? gain ? bandwidth product (i c = ? 10 ma, v ce = ? 5.0 v, f = 100 mhz) f t ? 260 ? mhz figure 1. thermal response t, time (seconds) 0.001 0.002 0.005 0.01 0.02 0.05 0.1 0.2 0.5 1.0 2.0 5.0 10 20 50 100 0.01 0.02 0.03 0.05 0.07 0.1 0.2 0.3 0.5 0.7 1.0 r(t), normalized effective transient thermal resistance d = 0.5 0.2 0.1 0.05 0.02 0.01 single pulse  jc (t) = (t)  jc  jc = 100 c/w max  ja (t) = r(t)  ja  ja = 375 c/w max d curves apply for power pulse train shown read time at t 1 t j(pk) ? t c = p (pk)  jc (t) t 1 t 2 p (pk) duty cycle, d = t 1 /t 2 single pulse
BC327, BC327 ? 16, BC327 ? 25, BC327 ? 40 http://onsemi.com 3 -1000 -10 -100 -1.0 -3.0 -10 -30 v ce , collector-emitter voltage figure 2. active region ? safe operating area i c , collector current (ma) figure 3. dc current gain i c , collector current (ma) h fe , dc current gain -100 1000 10 -1000 -0.1 -10 -100 100 -1.0 current limit thermal limit second breakdown limit 1.0 ms 1.0 s t j = 135 c 100  s v ce = -1.0 v t a = 25 c t a = 25 c t c = 25 c dc dc (applies below rated v ceo ) i b , base current (ma) figure 4. saturation region i c , collector current (ma) figure 5. ?on? voltages 100 10 1.0 v r , reverse voltage (volts) figure 6. temperature coefficients +1.0 i c , collector current figure 7. capacitances -0.1 -1.0 -1.0 -10 -100 -1000 -2.0 -1.0 0 v ce , collector-emitter voltage (volts ) v, voltage (volts) v , temperature coefficients (mv/ c) c, capacitance (pf) -1.0 -0.8 -0.6 -0.4 -0.2 0 -0.01 -0.1 -10 -100 -1.0 -1.0 -0.8 -0.6 -0.4 -0.2 0 -1.0 -10 -1000 -100 -10 -100 t j = 25 c i c = -10 ma i c = -100 ma i c = -300 ma i c = -500 ma t a = 25 c v be(sat) @ i c /i b = 10 v be(on) @ v ce = -1.0 v v ce(sat) @ i c /i b = 10  vc for v ce(sat)  vb for v be c ob c ib
BC327, BC327 ? 16, BC327 ? 25, BC327 ? 40 http://onsemi.com 4 ordering information device order number specific device marking package type shipping ? BC327g 7 to ? 92 straight lead (pb ? free) 5000 units / bulk BC327rl1g 327 to ? 92 bent lead (pb ? free) 2000 / tape & reel BC327 ? 025g 327 to ? 92 straight lead (pb ? free) 5000 units / bulk BC327 ? 25rl1g 7 ? 25 to ? 92 bent lead (pb ? free) 2000 / tape & reel BC327 ? 25zl1g 32725 to ? 92 bent lead (pb ? free) 2000 / tape & ammo box BC327 ? 40zl1g 7 ? 40 to ? 92 bent lead (pb ? free) 2000 / tape & ammo box ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
BC327, BC327 ? 16, BC327 ? 25, BC327 ? 40 http://onsemi.com 5 package dimensions to ? 92 (to ? 226) case 29 ? 11 issue am notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. contour of package beyond dimension r is uncontrolled. 4. lead dimension is uncontrolled in p and beyond dimension k minimum. r a p j l b k g h section x ? x c v d n n xx seating plane dim min max min max millimeters inches a 0.175 0.205 4.45 5.20 b 0.170 0.210 4.32 5.33 c 0.125 0.165 3.18 4.19 d 0.016 0.021 0.407 0.533 g 0.045 0.055 1.15 1.39 h 0.095 0.105 2.42 2.66 j 0.015 0.020 0.39 0.50 k 0.500 --- 12.70 --- l 0.250 --- 6.35 --- n 0.080 0.105 2.04 2.66 p --- 0.100 --- 2.54 r 0.115 --- 2.93 --- v 0.135 --- 3.43 --- 1 notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeters. 3. contour of package beyond dimension r is uncontrolled. 4. lead dimension is uncontrolled in p and beyond dimension k minimum. r a p j b k g section x ? x c v d n xx seating plane dim min max millimeters a 4.45 5.20 b 4.32 5.33 c 3.18 4.19 d 0.40 0.54 g 2.40 2.80 j 0.39 0.50 k 12.70 --- n 2.04 2.66 p 1.50 4.00 r 2.93 --- v 3.43 --- 1 t straight lead bulk pack bent lead tape & reel ammo pack style 17: pin 1. collector 2. base 3. emitter on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 BC327/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of BC327

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X